PART |
Description |
Maker |
AAT2512 |
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
|
Skyworks Solutions Inc.
|
MIC23051-16YML MIC23051-CGYML MIC23051-C4YML |
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling 4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc.
|
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
MIC23150-CYMT MIC23150-55YMT MIC23150-GYMT MIC2315 |
4MHz PWM 2A Buck Regulator with HyperLight Load
|
Micrel Semiconductor
|
MIC23031-4YMT MIC23031-CYMT MIC23031-FYMT MIC23031 |
4MHz PWM 400mA Buck Regulator with Hyper Light Load⑩
|
Micrel Semiconductor
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3561 LTC3561EDD |
1A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
RT8004QCP RT8004QQV RT8004QS RT8004PCP RT8004PQV R |
3A, 4MHz, Synchronous Step-Down Regulator
|
Richtek Technology Corporat... Richtek Technology Corporation
|
LTC3565 LTC3565EDD-PBF LTC3565EDD-TRPBF LTC3565EMS |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
BD90521MUV-C BD90521MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|